Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download HGPFPT001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  magnetic sensor piezo sensor resistive sensor 12 best suited for rotation mechanism using the small size and high precision latch output type. small size and low profile (1.3 g 0.9 g 0.55mm for the map type). adoption of high-sensitivity elements contributes to improved margin in the magnet gap design. low consumption current (10 b a at vdd=1.8v ). ? ? ? features detection of rotation speed and rotation direction for motors and flow meters, etc., as well as dial input of all types of consumer products, including mobile devices, electronic home appliances. ? applications latch output type hgp p series magnetic sensors style dimensions unit:mm package specifications/size function model no. operating magnetic field product list map type 1.3  0.9  0.55mm sot23 type 2.9  2.8  1.1mm drive voltage typ. 1.8v typ. 5v 1-phase alternating output sampling period  1.3m sec 1-phase alternating output sampling period  320 b sec 1-phase alternating output sampling period  35 b sec hgpjpm001a hgphpm001a HGPFPT001A hon:+1mt hoff:-1mt drive voltage sampling period current consumption typical specifications items specifications )(1+1. typ. 1.8v (1.6v min. to 3.6v max.) 1.3m sec 10 b a ave. (at vdd= 1.8v) )(1)1. 320 b sec 35 b a ave. (at vdd= 1.8v) )(1'15 typ. 5v (4.5v min. to 5.5v max.) 35 b sec 2ma ave. (at vdd= 5v)     map type      sot23 type map type sot23 type


▲Up To Search▲   

 
Price & Availability of HGPFPT001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X